PART |
Description |
Maker |
PCS5P23Z05B PCS5P23Z05BF-08-SR PCS5P23Z05BF-08-ST |
23Z SERIES, PLL BASED CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 Timing-Safe?/a> Peak EMI reduction IC Timing-Safe Peak EMI reduction IC Timing-Safe垄芒 Peak EMI reduction IC
|
http:// PulseCore Semiconductor
|
PRC200 PRC200150K470M PRC200150K470MR PRC200150K47 |
EMI/RFI T Filter EMI/RFIT-FILTER 电磁干扰/ RFIT滤清
|
California Micro Devices Co... CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
UU9LFNP-B-B222 UU9LFNP-B-B471 UU9LFHNP-HB681 UU9LF |
SINGLE PHASE EMI FILTER ROHS COMPLIANT PACKAGE-4 CHOKE COMMON MODE 0.68MH PC MNT SINGLE PHASE EMI FILTER CHOKE COMMON MODE 0.47MH PC MNT SINGLE PHASE EMI FILTER CHOKE COMMON MODE 4.7MH PC MNT SINGLE PHASE EMI FILTER CHOKE COMMON MODE 3.9MH PC MNT SINGLE PHASE EMI FILTER
|
Sumida, Corp. SUMIDA CORP
|
1F25 |
EMI Suppression Filter; Voltage Rating:275V; Attenuation:30dB; Current Drain:40mA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No; Phases:Single; Output Type:AC 275 V, SINGLE PHASE EMI FILTER
|
Crydom, Inc.
|
IMIC9701 IMIC9701AYB C9701AYB C9701 |
(C9701) Low EMI Clock Generator Low EMI Clock Generator for Pentium II Systems with Power Management
|
International ETC[ETC] List of Unclassifed Manufacturers
|
EMIF07-LCD02F310 EMIF07-LCD02F3 |
7-line EMI filter ans ESD protection for display interfaces 7-line IPAD? EMI filter and ESD protection for LCD and cameras
|
ST Microelectronics STMicroelectronics
|
ASM3P5821A ASM3P5821A-ST |
3.3 V, 20 MHz to 34 MHz, low power peak EMI reduction solution From old datasheet system Low Power EMI Reduction IC 34 MHz, OTHER CLOCK GENERATOR, PDSO8 SOIC-8
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
EMIF06-VID01F2 EMIF06-VID01F208 |
6-line EMI filter and ESD protection for display interfaces 6-line IPAD, low capacitance EMI filter and ESD protection
|
ST Microelectronics STMicroelectronics
|
NUF8610MN NUF8610 |
8 Line EMI Filter with ESD Protection 8-Channel EMI Filter with Integrated ESD Protection
|
ON Semiconductor
|
ADM206E ADM206EAR ADM207E ADM207EAN ADM207EAR ADM2 |
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers EMI/EMC Compliant/ -15 kV ESD Protected/ RS-232 Line Drivers/Receivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors EMI-/EMC-Compliant -15 kV ESD Protected/ Dual RS-232 Port with Standby
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
EMIF06-10006F1 EMIF06-10006 |
±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 6 LINES EMI FILTER AND ESD PROTECTION 6 LINES EMI FILTER AND ESD PROTECTION
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HFCT-5964TG HFCT-5964TL HFCT-5964NG HFCT-5964NL HF |
HFCT-5964ATG · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/o EMI Shield HFCT-5964ATL · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/ EMI Shield HFCT-5964NG · 155 Mbit/s SMF (40km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5964NL · 155 Mbit/s SMF (40km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield HFCT-5964TG · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5964TL · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield ATG Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-3 /SDH STM-1 Part of the Agilent METRAK family
|
Agilent (Hewlett-Packard) NEL[Nel Frequency Controls,inc]
|